PART |
Description |
Maker |
AS1334-BTDT-25 |
650mA, Ultra low Ripple Step Down DC/DC Converter
|
ams AG
|
AS1339-BWLT |
650mA RF Step-Down DC-DC for PA, with two LDOs
|
austriamicrosystems AG
|
MAX8805ZEWEAD MAX8805YEWEEET |
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
|
MAXIM - Dallas Semiconductor
|
LT3495B-1-15 |
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
|
Linear Technology
|
AN1782 |
Small Footprint, 10us Response Time, 10mV Output Ripple, 1MHz, 6A Step-Down Regulator Small Footprint / 10us Response Time / 10mV Output Ripple / 1MHz / 6A Step-Down Regulator
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
450C472M300BF8 450C601M400AH8 450C801M300AH8 450C1 |
Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
|
Cornell Dubilier Electronics Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
ML4790 ML4790CS ML4790ES |
Adjustable Output / Low Ripple Boost Regulator Adjustable Output, Low Ripple Boost Regulator
|
MICRO-LINEAR[Micro Linear Corporation]
|
SSL5021BTS |
Compact low-ripple buck LED driver IC
|
NXP
|
AM29F010-1 AM29F010-120DGC1 AM29F010-120DGE1 AM29F |
1 megabit CMOS 5.0 volt-only, uniform sector flash memory- die revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash MemoryDie Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC30 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 90 ns, UUC30 Evaluation Board for LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers 128K X 8 FLASH 5V PROM, 90 ns, UUC30 LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers; Package: MICRO SMD; No of Pins: 8 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory-Die Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory-Die Revision 1
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
T495V227K006AS T495V227K006AT T495V227K035AS T495V |
Low ESR, High Ripple Current, Solid Tantalum Chip Capacitory5|} |
Cornell Dubilier Electr... Cornell Dubilier Electronics
|